Part Number Hot Search : 
300K50V5 DB151 02770 N7555 VICES A1727 LH1514 BDR2G
Product Description
Full Text Search
 

To Download 91CR1K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 91
3/8" Diameter Single Turn Cermet Trimming Potentiometer
ELECTRICAL
1
Standard Resistance Range, Ohms Standard Resistance Tolerance Input Voltage, Maximum Slider Current, Maximum Power Rating, Watts End Resistance, Maximum Actual Electrical Travel, Nominal Dielectric Strength Insulation Resistance, Minimum Resolution Contact Resistance Variation, Maximum
ENVIRONMENTAL
10 to 2Meg 20% 250 Vdc or rms not to exceed power rating 100mA or within rated power, whichever is less 0.5 at 70C derating to 0 at 125C 2 Ohms 174 500 Vrms 1,000 Megohms Essentially infinite 1% or 1 Ohm, whichever is greater
Temperature Coefficient, Maximum Operating Temperature Range Thermal Shock Moisture Resistance Shock, 6ms Sawtooth Vibration High Temperature Exposure Rotational Life Load Life at 0.5 Watts Resistance to Solder Heat
MECHANICAL
100ppm/C -55C to +125C 5 cycles, -55C to +125C (1% RT, 1% VR) Ten 24 hour cycles (1% RT, IR 100 Megohms Min.) 100G's (1% RT, 1% VR) 20G's, 10 to 2,000 Hz (1% RT, 1% VR) 250 hours at 125C (2% RT, 2% VR) 200 cycles (3% RT) 1,000 hours at 70C (2% RT) 260C for 10 sec. (1% RT)
Mechanical Stops Stop Strength Torque, Starting Maximum Weight, Nominal
Specifications subject to change without notice.
Solid 12 oz.-in. (0.085 N-m) 5oz.-in. (0.042 N-m) .03 oz. (0.85 grams)
1-83
Model 91
TOP ADJUSTMENT (Inch/mm)
Model 91A .20 5.08
.375 9.525 Max. Dia.
Arrow Indicates Slider Position. Electrical Adjustments May Be Made With A Phillips Or Blade Screwdriver And Is Fingertip Adjustable. .050 .034 Wide X Deep Slot: 1.270 0.864 .385 9.779 Max.
For Blade Screwdriver .20 5.08 (2) (1) .10 2.54
.15 For Phillips 3.81 Screwdriver .18 4.57 Min. (3) .20 5.08
.20 5.08
Model Number Marked On This Surface
Standoffs (2) .020 .005 Dia. 0.508 0.127 Solderable Terminals
Resistance Value Marked On This Surface .10 2.54
Model 91B
(3)
(1)
.25 6.35 Max. .18 4.57 Min. .10 2.54
(2) .20 5.08
.10 2.54
Model 91C
(3) (2) .344 8.738
(1) .172 4.369
.25 6.35 Max. .18 4.57 Min.
.156 3.962
.10 2.54
Model 91E (2) .25 6.35 Max.
.18 Min. 4.57
.20 5.08 .40 10.2 (3) (1) .10 2.54 .20 5.08 .015 .005 0.381 0.127 True Radius (Typ.)
1-84
Model 91
SIDE ADJUSTMENT (Inch/mm)
1
Model 91T .345 8.763 Max.
(1) .20 5.08
(2) (3) .10 2.54
.18 Min. 4.57
.10 2.54
Model 91V
.40 10.2 Max.
(1) .344 8.738
(2) (3) .172 4.369
.18 Min. 4.57
.156 3.962
Model 91W
.25 6.35 Max.
(1) .20 5.08
(2) (3) .10 2.54
.18 Min. 4.57
Model 91X
.345 8.763 Max.
(1) .20 5.08
(2) (3) .10 2.54
.18 Min. 4.57
.10 2.54
1-85
Model 91
STANDARD RESISTANCE VALUES, OHMS
10 20 50 100
200 500 1K 2K
5K 10K 20K 25K
50K 100K 200K 250K
500K 1Meg 2Meg
PACKAGING
Standard: Boxes Capacity
=
100 Units
ORDERING INFORMATION
Standard: 91 A R 10K LF Model Series Pin Style RoHS Compliant Product Code - Optional Resistance Value Resistance Prefix
CIRCUIT DIAGRAM
NOTES
Metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original English units and are provided for general information only. Tolerances unless otherwise specified: Linear = .01 inches (.25mm) Angular = 2 degrees
(2) (1) CW (3)
INCH mm
1-86
Model 91


▲Up To Search▲   

 
Price & Availability of 91CR1K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X